Part Number Hot Search : 
PAD50 TFH70F UDZ3V6B 27541 970512 C18F25 CS330 56F83
Product Description
Full Text Search
 

To Download QRD1415T30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerex, inc., 173 pavilion lane, youngw ood, pennsylvania 15697-1800 (724) 925-7272 fast recovery diode module www.pwrx.com revision date: 01/30/2007 qr_1415t30 description: powerex fast recovery diode modules are designed for use in applications requiring fast switching. the modules are isolated for easy mounting with other components on a common heatsink. features: ? fast recovery time ? isolated mounting ? metal baseplate ? low thermal impedance ? 3000 v isolating voltage applications: ? switching power supplies ? inverters ? choppers ? welding power supplies ? free wheeling diode ? high frequency rectifiers qr_1415t30 fast recovery diode module dimensions inches millimeters a 3.70 94 b 1.34 34 c 1.18 30 d 3.15 80 e 0.67 17 f 0.28 6.99 g 0.67 17.1 h 0.91 23 j 0.91 23 k m6x1.0 m6x1.0 qrd qrc qrf
powerex, inc., 173 pavilion lane, youngw ood, pennsylvania 15697-1800 (724) 925-7272 fast recovery diode module www.pwrx.com revision date: 01/30/2007 qr_1415t30 absolute maximum ratings, t j =25 c unless otherwise specified characteristics conditions symbol QRD1415T30 qrc1415t30 qrf1415t30 units repetitive peak reverse blocking voltage - v rrm 1400 volts non-repetitive peak reverse blocking voltage - v rsm v rrm + 100 volts average forward current 180 conduction, tc=80 c 180 conduction, tc=25 c i f(av) 59 85 amperes amperes peak half cycle non-repetitive surge current t = 8.3ms, 100%v rrm reapplied i fsm 1000 amperes i 2 t for fusing for one cycle t = 8.3ms, 100%v rrm reapplied i 2 t 4160 a 2 sec operating junction temperature - t j -40 to 150 c storage temperature - t stg -40 to 150 c maximum mounting torque, m6 mounting screw - - 26 in.-lb. maximum terminal torque, m6 te rminal screw - - 26 in.-lb. module weight (typical) - - 220 grams v isolation 60 hz, circui t to base, all terminals shorted, t = 1 sec v rms 3000 volts thermal characteristics, t j =25 c unless otherwise specified characteristics symbol min. typ. max. units thermal resistance, junction to case r jc per diode - - 0.24 c/watt thermal resistance, case to sink lubricated r cs per module - - 0.04 c/watt electrical characteristics, t j =25 c unless otherwise specified characteristics symbol test conditions min. typ. max units peak reverse leakage current i rrm rated v rrm - - 1 ma peak on-state voltage v fm i f =150a - - 3.8 volts reverse recovery time trr i f = 150a, di/dt = ? 300a/ s - - 300 ns reverse recovery charge qrr i f =150a, di/dt = ? 300a/ s - 1.5 - c
powerex, inc., 173 pavilion lane, youngw ood, pennsylvania 15697-1800 (724) 925-7272 fast recovery diode module www.pwrx.com revision date: 01/30/2007 qr_1415t30 maximum on-state forward voltage drop 0.00 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00 9.00 10.00 10.0 100.0 1000.0 10000.0 instantaneous on-state current - ifm - amperes on-state voltage - vtm - volts ( tj = 150 c ) maximum transient thermal impedance .00000 .05000 .10000 .15000 .20000 .25000 .30000 .00010 .00100 .01000 .10000 1.00000 10.00000 100.00000 time - t - seconds thermal impedance - rjc - c/w (junction to case) 0 180 360 conduction angle maximum on-state power dissipation 15 30 60 90 120 180 0 50 100 150 200 250 300 0 10203040506070 average on-state current - if(av) - amperes maximum power dissipation per scr - watts (sinusoidal waveform) 0 180 360 conduction angle maximum allowable case temperature 120 90 60 30 15 180 30 50 70 90 110 130 150 0 10203040506070 average on-state current - if(av) - amperes max. case temperature - tcase - c (sinusoidal waveform) 0 180 360 conduction angl e maximum on-state power dissipation 90 60 30 120 180 270 15 360 0 50 100 150 200 250 300 350 0 20406080100120 average on-state current - if(av) - amperes maximum power dissipation per scr - watts (rectangular waveform) 0 180 360 conduction angle maximum allowable case temperature 270 180 120 90 60 30 15 360c 30 50 70 90 110 130 150 0 40 80 120 average on-state current - if(av) - amperes max. case temperature - tcase - c (rectangular waveform)


▲Up To Search▲   

 
Price & Availability of QRD1415T30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X